Part Number Hot Search : 
BR358 WG20232A XDMR20A M12542DD P800B LT1036M SSM9435 L6513
Product Description
Full Text Search
 

To Download UFG1E222MDM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ALUMINUM ELECTROLYTIC CAPACITORS
FG
High Grade Standard Type, For Audio Equipment
series
"Fine Gold" MUSE acoustic series suited for high grade audio equipment, using state of the art etching techniques. Rich sound in the bass register and clearer high end, most suited for AV equipment like DVD, MD. Adapted to the RoHS directive (2002/95/EC). KZ High Grade
FG
High Grade
FW
Specifications
Item Category Temperature Range Rated Voltage Range Rated Capacitance Range Capacitance Tolerance Leakage Current tan Performance Characteristics
- 40 ~ +85C 6.3 ~ 100V 0.1 ~ 10000F 20% at 120Hz, 20C After 1 minute's application of rated voltage, leakage current is not more than 0.01CV or 3 (A) , whichever is greater.
Measurement frequency : 120Hz, Temperature : 20C
Rated voltage (V) tan (MAX.)
6.3 0.22
10 0.19
16 0.16
25 0.14
35 0.12
50 0.10
63 0.09
80 0.09
100 0.08
For capacitance of more than 1000F add 0.02 for every increase of 1000F. Measurement frequency : 120Hz Rated voltage (V)
Stability at Low Temperature
6.3 4 8
10 3 6
16 2 4
25 2 4
35 2 3
50 2 3
63 2 3
80 2 3
100 2 3
Impedance ratio ZT / Z20 (MAX.)
Z- 25C / Z+20C Z- 40C / Z+20C
Endurance
After 1000 hours' application of rated voltage at 85C, capacitors meet the characteristic requirements listed at right.
Capacitance change tan Leakage current
Within 20% of the initial measurement for units of not more than 16V or 6.3 Within 15% of the initial measurement for units of not less than 25V or above 6.3 150% or less of initial specified value Initial specified value or less
Shelf Life Marking
After storimg the capacitors under no load at 85C for 1000 hours, and after performing voltage treatment based on JIS C 5101-4 clause 4.1 at 20C, they will meet the specified value for endurance characteristics listed above. Printed with black color letter on gold sleeve.
Radial Lead Type
Type numbering system (Example : 10V 47F)
1 2 3 4 5 6 7 8 9 10 11
Sleeve (P.E.T.)
Bd
U F G 1 A 4 7 0 M DM
Configuration
BD+0.5MAX.
P 0.5
Capacitance tolerance (20%) Rated Capacitance (47F) Rated voltage (10V) Series name
D 5 6.3 8 * 10 12.5 ~ 18
Code DM EM PM HM
Pressure relief vent (B6.3up)
L+
Type
MAX.
15MIN
4MIN
(mm)
BD
P
5 2.0 0.6
6.3 2.5 0.6
8 3.5 0.6
10 5.0 0.6
12.5 5.0 0.8
16 7.5 0.8
18 7.5 0.8
Bd
(L < 20) 1.5 (L 20) 2.0
* Please refer to page 21 about the end seal configulation.
Please refer to page 21, 22, 23 about the formed or taped product spec. Please refer to page 3 for the minimum order quantity.
Dimension table in next page.
CAT.8100V
ALUMINUM ELECTROLYTIC CAPACITORS
FG
Cap.(F)
series
Dimensions
V Code
6.3 0J
10 1A
16 1C
25 1E
35 1V
05 x 11 05 x 11 05 x 11 05 x 11 05 x 11 05 x 11 05 x 11 05 x 11 05 x 11
50 1H
1.1 2.4 3.6 5.0 9.0 18 22 27 39 65 93 111 215 390 488 650 1143
0.1 0.22 0.33 0.47 1 2.2 3.3 4.7 10 22 33 47 100 220 330 470 1000 2200 3300 4700 6800 10000
0R1 R22 R33 R47 010 2R2 3R3 4R7 100 220 330 470 101 221 331 471 102 222 332 472 682 103 0.10 x 12.5 10 x 20 12.5 x 250. 16 x 25 0.16 x 31.5 0.18 x 35.5 18 x 40 270 485 867 1135 1431 1810 2100 05 x 11 6.3 x 11. 0.08 x 11.5 0.10 x 12.5 10 x 16 12.5 x 200. 16 x 25 0.16 x 31.5 0.16 x 35.5 18 x 40 60 99 170 247 330 601 1047 1520 1840 2049 05 x 11 6.3 x 11. 0.8 x 11.5 0.10 x 12.5 10 x 16 10 x 20 12.5 x 250. 16 x 25 0.16 x 35.5 0.18 x 35.5 57 74 128 226 309 406 723 1290 1720 2140 05 x 11 6.3 x 11. 6.3 x 11. 0.08 x 11.5 10 x 16 10 x 20 12.5 x 20.0 16 x 25 0.16 x 35.5 18 x 40 50 70 85 140 260 351 476 854 1570 1794 6.3 x 11. 6.3 x 11. 0.8 x 11.5 0.10 x 12.5 10 x 20 12.5 x 200. 12.5 x 250. 16 x 25 0.18 x 35.5 60 75 101 176 320 446 590 1060 1840
6.3 x 11. 0.08 x 11.5 0.08 x 11.5 10 x 16 12.5 x 200. 12.5 x 200. 16 x 25 0.16 x 31.5
Cap.(F)
V Code
63 1J
80 1K
05 x 11 05 x 11 05 x 11 05 x 11 05 x 11 05 x 11 05 x 11 05 x 11
100 2A
2.3 5.5 8.0 10 15 22 27 36 65 110 150 190 300 549 734 980
Rated ripple
0.1 0.22 0.33 0.47 1 2.2 3.3 4.7 10 22 33 47 100 220 330 470 1000
0R1 R22 R33 R47 010 2R2 3R3 4R7 100 220 330 470 101 221 331 471 102 6.3 x 11. 0.08 x 11.5 0.08 x 11.5 0.10 x 12.5 10 x 20 12.5 x 200. 12.5 x 250. 16 x 25 0.18 x 35.5 50 85 105 140 255 420 541 840 1400 6.3 x 11. 11.8 x 11.5 0.10 x 12.5 10 x 16 12.5 x 20.0 12.5 x 25.0 .016 x 31.5 .016 x 35.5 055 100 130 170 270 490 650 920
0.08 x 11.5 0.10 x 12.5 10 x 16 10 x 20 12.5 x 200 16 x 25 0.16 x 31.5 0.18 x 35.5 Case size D x L (mm)
Rated Ripple (mArms) at 85C 120Hz
Frequency coefficient of rated ripple current
Cap.(F) Frequency
50Hz 0.75 0.80 0.85
120Hz 1.00 1.00 1.00
300Hz 1.35 1.23 1.10
1kHz 1.57 1.34 1.13
10kHz ~ 2.00 1.50 1.15
~ 47 100 ~ 470 1000 ~ 10000
CAT.8100V


▲Up To Search▲   

 
Price & Availability of UFG1E222MDM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X